Part Number Hot Search : 
25CMB MC34230 AHC1G MC350 RF3933SR 200PC MSMLG12A 74LS32P
Product Description
Full Text Search
 

To Download 1N60ZL-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 1n60z power mosfet www.unisonic.com.tw 1 of 7 copyright ? 2015 unisonic technologies co., ltd qw-r502-724.d 1.2 a , 600v n-channel power mosfet ? description the utc 1n60z is a high voltage mosfet and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and high rugged avalanche characteristics. this power mosfet is usually used at high speed switching applications in power supplies, pwm motor controls, high efficient dc to dc converters and bridge circuits. ? features * r ds(on) <11.5 ? @ v gs =10v, i d =0.6a * ultra low gate charge (typical 5.0nc) * low reverse transfer capacitance (c rss = typical 3.0 pf) * fast switching capability * avalanche energy specified * improved dv/dt capability, high ruggedness ? symbol 2.drain 3.source 1.gate ? ordering information ordering number package pin assignment packing lead free halogen free 1 2 3 - 1n60zg-aa3-r sot-223 g d s tape reel 1N60ZL-T92-B 1n60zg-t92-b to-92 g d s tape box 1n60zl-t92-k 1n60zg-t92-k to-92 g d s bulk 1n60zl-tn3-r 1n60zg-tn3-r to-252 g d s tape reel note: pin assignment: g: gate d: drain s: source
1n60z power mosfet unisonic technologies co., ltd 2 of 7 www.unisonic.com.tw qw-r502-724.d ? marking package marking sot-223 to-252 to-92
1n60z power mosfet unisonic technologies co., ltd 3 of 7 www.unisonic.com.tw qw-r502-724.d ? absolute maximum ratings (t c = 25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 600 v gate-source voltage v gss 20 v avalanche current (note 2) i ar 1.2 a continuous drain current i d 1.2 a pulsed drain current (note 2) i dm 4.8 a avalanche energy single pulsed (note 3) e as 50 mj repetitive (note 2) e ar 4.0 mj peak diode recovery dv/dt (note 4) dv/dt 4.5 v/ns power dissipation (t a =25c ) sot-223 p d 0.8 w to-252 1.5 to-92 1 junction temperature t j +150 c operating temperature t opr -55 ~ +150 c storage temperature t stg -55 ~ +150 c notes: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. repetitive rating: pulse width limit ed by maximum junction temperature 3. l = 60mh, i as = 1a, v dd = 50v, r g = 25 ? , starting t j = 25c 4. i sd 1.2a, di/dt 200a/ s, v dd bv dss , starting t j = 25c ? thermal data parameter symbol ratings unit junction to ambient sot-223 ja 150 c/w to-252 100 to-92 140
1n60z power mosfet unisonic technologies co., ltd 4 of 7 www.unisonic.com.tw qw-r502-724.d ? electrical characteristics (t c =25c, unless otherwise specified.) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v, i d =250 a 600 v drain-source leakage current i dss v ds =600v, v gs =0v 10 a gate-source leakage current forward i gss v gs =20v, v ds =0v +5 a reverse v gs =-20v, v ds =0v -5 a breakdown voltage temperature coefficient bv dss /t j i d =250 a 0.4 v/c on characteristics gate threshold voltage v gs ( th ) v ds =v gs , i d =250 a 2.0 4.0 v static drain-source on-state resistance r ds ( on ) v gs =10v, i d =0.6a 9.3 11.5 ? dynamic characteristics input capacitance c iss v ds =25v, v gs =0v, f=1mhz 120 150 pf output capacitance c oss 20 25 pf reverse transfer capacitance c rss 3.0 4.0 pf switching characteristics turn-on delay time t d ( on ) v dd =300v, i d =1.2a, r g =50 ? (note 2,3) 5 20 ns turn-on rise time t r 25 60 ns turn-off delay time t d ( off ) 7 25 ns turn-off fall time t f 25 60 ns total gate charge q g v ds =480v, v gs =10v, i d =1.2a (note 2,3) 5.0 6.0 nc gate-source charge q gs 1.0 nc gate-drain charge q gd 2.6 nc source-drain diode ratings and characteristics drain-source diode forward voltage v sd v gs =0v, i s =1.2a 1.4 v maximum continuous drain-source diode forward current i s 1.2 a maximum pulsed drain-source diode forward current i sm 4.8 a reverse recovery time t r r v gs =0v, i s =1.2a di f /dt=100a/ s (note 1) 160 ns reverse recovery charge q rr 0.3 c notes: 1. repetitive rating: pulse width limited by maximum junction temperature 2. pulse test: pulse width 300 s, duty cycle 2% 3. essentially independent of operating temperature
1n60z power mosfet unisonic technologies co., ltd 5 of 7 www.unisonic.com.tw qw-r502-724.d ? test circuits and waveforms same type as d.u.t. l v dd driver v gs r g - v ds d.u.t. + * dv/dt controlled by r g * i sd controlled by pulse period * d.u.t.-device under test p. w. period d= v gs (driver) i sd (d.u.t.) i fm , body diode forward current di/dt i rm body diode reverse current body diode recovery dv/dt body diode forward voltage drop v dd 10v v ds (d.u.t.) - + v gs = p.w. period peak diode recovery dv/dt waveforms
1n60z power mosfet unisonic technologies co., ltd 6 of 7 www.unisonic.com.tw qw-r502-724.d ? test circuits and waveforms (cont.) switching test circuit switching waveforms 50k 0.3 f dut v ds same type as d.u.t. 10v 0.2 f 12v charge q gs q gd q g v gs 3ma v gs gate charge test circuit gate charge waveform unclamped inductive switching test circuit unclamped inductive switching waveforms
1n60z power mosfet unisonic technologies co., ltd 7 of 7 www.unisonic.com.tw qw-r502-724.d ? typical characteristics continuous drain-source diode forward current, i s (ma) drain current, i d (a) drain current,i d (a) drain current,i d (a) utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 1N60ZL-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X